PART |
Description |
Maker |
BD5233G_FVE BD5335G_FVE BD5358G_FVE BD5346G_FVE BD |
Voltage detector, 2.7V Voltage detector, 3.1V Voltage detector, 5.5V Voltage detectors > CMOS Voltage detector IC with external C delay circuit (Open Drain output type) Voltage detectors > CMOS Voltage detector IC with external C delay circuit (CMOS output type) VOLTAGE DETECTOR IC with adjustable delay time Voltage detector, 4.2V Voltage detector, 2.9V Voltage detector, 3.7V Voltage detector, 3.6V Voltage detector, 3.2V Voltage detector, 5.2V Voltage detector, 5.9V
|
etc ROHM Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
BU4948F-TR BU4948FVE-TR BU4948G-TR BU4809FVE-TR BU |
Low Voltage Standard CMOS Voltage Detector IC Series
|
Rohm
|
BU4827FP3-TR BU4927FP3-TR BU4832FP3-TR BU4932FP3-T |
Low Voltage Standard CMOS Voltage Detector ICs
|
Rohm
|
BU4844 BU4848 BU4843 BU4842 BU4846 BU4824 BU4822 B |
Low Voltage Standard CMOS Voltage Detector IC Series
|
ROHM
|
R3131N26EA5-TR R3131NXXXA R3130NXXXA R3130N36EA-TR |
Low Voltage Detector with built-in Delay Circuit Low Voltage Detector with built in Delay Circuit Low voltage detector with built-in delay circuit. Detector threshold 3.6V. Standard output delay time 240ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 400ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 100ms. Output type CMOS. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 50ms. Output type CMOS. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Standard output delay time 240ms. Output type CMOS. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 50ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 100ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Output delay time 200ms. Output type Nch open drain. Taping type TR. Low voltage detector with built-in delay circuit. Detector threshold 3.08V. Standard output delay time 240ms. Output type Nch open drain. Taping type TR.
|
Ricoh
|
GM5510C-1.8ST23R GM5510C-1.8ST23RG GM5510C-1.8ST89 |
STANDARD VOLTAGE DETECTOR
|
Gamma Microelectronics Inc.
|
ELM9730NBB-N ELM9730NBB-S ELM9730CBB-N ELM9730CBB- |
CMOS Voltage detector
|
ELM Technology Corporat... ELM Technology Corporation
|
XC6101A036 XC6101A041 XC6101A044 XC6111A017 XC6111 |
CMOS Voltage Detector
|
TOREX[Torex Semiconductor]
|
BD71L4LG-1 BD71L4LHFV-1 BD71L4LHFV-1TR |
CMOS Over Voltage Detector IC
|
Rohm
|
BD71L4LG-1GTR BD71L4LHFV-1GTR |
CMOS Over Voltage Detector IC
|
ROHM
|
ICL7665S |
Micropower Over/Under Voltage Detector, CMOS
|
Intersil
|
ELM772411BC-N ELM772411BC-S ELM772709BC-N ELM77270 |
CMOS Dual voltage detector
|
ELM Technology Corporation
|